Part Number Hot Search : 
TAT40017 ADV7321 EM6520 65120 MC100 6VM4SC IRFZ24 MC6848
Product Description
Full Text Search
 

To Download MMA2202D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
Freescale Semiconductor, Inc.
Order Number: MMA2202D Rev. 2, 06/2004
SEMICONDUCTOR TECHNICAL DATA
Surface Mount Micromachined Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers features signal conditioning, a 4-pole low pass filter and temperature compensation. Zero-g offset full scale span and filter cut-off are factory set and require no external devices. A full system self-test capability verifies system functionality. Features * Integral Signal Conditioning * Linear Output * Ratiometric Performance * 4th Order Bessel Filter Preserves Pulse Shape Integrity * Calibrated Self-test * Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status * Transducer Hermetically Sealed at Wafer Level for Superior Reliability * Robust Design, High Shocks Survivability Typical Applications * Vibration Monitoring and Recording * Appliance Control * Mechanical Bearing Monitoring * Computer Hard Drive Protection * Computer Mouse and Joysticks * Virtual Reality Input Devices * Sport Diagnostic Devices and Systems ORDERING INFORMATION
Device MMA2202D MMA2202DR2 Temperature Range - 40 to +125C - 40 to +125C Package SOIC-16 SOIC-16, Tape & Reel
MMA2202D
MMA2202D: X AXIS SENSITIVITY MICROMACHINED ACCELEROMETER 50g
Freescale Semiconductor, Inc...
16 LEAD SOIC
CASE 475-01
PIN ASSIGNMENT
N/C N/C N/C ST VOUT STATUS VSS VDD
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
N/C N/C N/C N/C N/C N/C N/C N/C
VDD G-Cell Sensor Integrator Gain Filter Temp Comp VOUT
VST
Self-test
Control Logic & EPROM Trim Circuits
Oscillator
Clock Gen.
VSS
Status
Figure 1. Simplified Accelerometer Functional Block Diagram
REV 2
(c) Motorola, Inc. 2004
For More Information On This Product, Go to: www.freescale.com
Freescale Semiconductor, Inc.
Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.) Rating Powered Acceleration (all axes) Unpowered Acceleration (all axes) Supply Voltage Drop Test (1) Symbol Gpd Gupd VDD Ddrop Tstg Value 1500 2000 -0.3 to +7.0 1.2 -40 to +125 Unit g g V m C
Storage Temperature Range NOTES:
1. Dropped onto concrete surface from any axis.
ELECTRO STATIC DISCHARGE (ESD)
Freescale Semiconductor, Inc...
WARNING: This device is sensitive to electrostatic discharge. Although the Motorola accelerometers contain internal 2kV ESD protection circuitry, extra precaution must be taken by the user to protect the chip from ESD. A charge of over 2000 volts can accumulate on the human body or associated test equipment. A charge of this magnitude can alter the performance or cause failure of the chip. When handling the accelerometer, proper ESD precautions should be followed to avoid exposing the device to discharges which may be detrimental to its performance.
MMA2202D 2
For More Information On This Product, Go to: www.freescale.com
Motorola Sensor Device Data
Freescale Semiconductor, Inc.
Operating Characteristics (Unless otherwise noted: -40C TA +105C, 4.75 VDD 5.25, Acceleration = 0g, Loaded output(1))
Characteristic Operating Range Supply Voltage (3) Supply Current Operating Temperature Range Acceleration Range Output Signal Zero g (TA = 25C, VDD = 5.0 V)(4) Zero g Sensitivity (TA = 25C, VDD = 5.0 V)(5) Sensitivity Bandwidth Response Nonlinearity Noise RMS (10 Hz - 1 kHz) Power Spectral Density Clock Noise (without RC load on output)(6) Self-Test Output Response Input Low Input High Input Loading(7) Response Time(8) Status(12)(13) Output Low (Iload = 100 A) Output High (Iload = 100 A) Minimum Supply Voltage (LVD Trip) Clock Monitor Fail Detection Frequency Output Stage Performance Electrical Saturation Recovery Time(9) Full Scale Output Range (IOUT = 200 A) Capacitive Load Drive(10) Output Impedence Mechanical Characteristics Transverse Sensitivity(11) Package Resonance NOTES:
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k resistor and a 0.01 F capacitor to ground.
(2)
Symbol
Min
Typ
Max
Unit
VDD IDD TA gFS
4.75 4.0 -40 --
5.00 5.0 -- 56.3
5.25 6.0 +125 --
V mA C g
Freescale Semiconductor, Inc...
VOFF VOFF,V S SV f-3dB NLOUT
2.35 0.46VD 38 7.44 360 -1.0
2.5 0.50 VDD 40 8 400 --
2.65 0.54 VDD 42 8.56 440 +1.0
V V mV/g mV/g/V Hz % FSO
nRMS nPSD nCLK
-- -- --
-- 110 2.0
2.8 -- --
mVrms V/(Hz1/2) mVpk
gST VIL VIH IIN tST
10 VSS 0.7 x VDD -30 --
12 -- -- -100 2.0
14 0.3 x VDD VDD -300 10
g V V A ms
VOL VOH VLVD fmin
-- VDD -0.8 2.7 150
-- -- 3.25 --
0.4 -- 4.0 400
V V V kHz
tDELAY VFSO CL ZO
-- 0.25 -- --
0.2 -- -- 300
-- VDD-0.25 100 --
ms V pF
VXZ,YZ fPKG
-- --
-- 10
5.0 --
% FSO kHz
2. These limits define the range of operation for which the part will meet specification. 3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device may operate as a linear device but is not guaranteed to be in calibration. 4. The device can measure both + and - acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2. 5. The device is calibrated at 20g. 6. At clock frequency 70 kHz. 7. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages. 8. Time for the output to reach 90% of its final value after a self-test is initiated. 9. Time for amplifiers to recover after an acceleration signal causing them to saturate. 10. Preserves phase margin (60) to guarantee output amplifier stability. 11. A measure of the device's ability to reject an acceleration applied 90 from the true axis of sensitivity. 12. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is high whenever the self-test input is high, as a means to check the connectivity of the self-test and Status pins in the application. 13. The Status pin output latches high if a Low Voltage Detection or Clock Frequency failure occurs, or the EPROM parity changes to odd. The Status pin can be reset low if the self-test pin is pulsed with a high input for at least 100 s, unless a fault condition continues to exist.
Motorola Sensor Device Data
For More Information On This Product, Go to: www.freescale.com
MMA2202D 3
Freescale Semiconductor, Inc.
PRINCIPLE OF OPERATION The Motorola accelerometer is a surface-micromachined integrated-circuit accelerometer. The device consists of a surface micromachined capacitive sensing cell (g-cell) and a CMOS signal conditioning ASIC contained in a single integrated circuit package. The sensing element is sealed hermetically at the wafer level using a bulk micromachined "cap'' wafer. The g-cell is a mechanical structure formed from semiconductor materials (polysilicon) using semiconductor processes (masking and etching). It can be modeled as a set of beams attached to a movable central mass that move between fixed beans. The movable beams can be deflected from their rest position by subjecting the system to an acceleration (Figure 2). Self-Test The sensor provides a self-test feature that allows the verification of the mechanical and electrical integrity of the accelerometer at any time before or after installation. This feature is critical in applications such as automotive airbag systems where system integrity must be ensured over the life of the vehicle. A fourth "plate'' is used in the g-cell as a self-test plate. When the user applies a logic high input to the self-test pin, a calibrated potential is applied across the self-test plate and the moveable plate. The resulting electrostatic force (Fe = 1/2 AV2/d2) causes the center plate to deflect. The resultant deflection is measured by the accelerometer's control ASIC and a proportional output voltage results. This procedure assures that both the mechanical (g-cell) and electronic sections of the accelerometer are functioning. Ratiometricity Ratiometricity simply means that the output offset voltage and sensitivity will scale linearly with applied supply voltage. That is, as you increase supply voltage the sensitivity and offset increase linearly; as supply voltage decreases, offset and sensitivity decrease linearly. This is a key feature when interfacing to a microcontroller or an A/D converter because it provides system level cancellation of supply induced errors in the analog to digital conversion process. Status Motorola accelerometers include fault detection circuitry and a fault latch. The Status pin is an output from the fault latch, OR'd with self-test, and is set high whenever one (or more) of the following events occur: * Acceleration * * Supply voltage falls below the Low Voltage Detect (LVD) voltage threshold Clock oscillator falls below the clock monitor minimum frequency Parity of the EPROM bits becomes odd in number.
Freescale Semiconductor, Inc...
When the beams attached to the center mass move, the distance from them to the fixed beams on one side will increase by the same amount that the distance to the fixed beams on the other side decreases. The change in distance is a measure of acceleration. The g-cell beams form two back-to-back capacitors (Figure 2). As the center plate moves with acceleration, the distance between the beams change and each capacitor's value will change, (C = NA/D). Where A is the area of the facing side of the beam, is the dielectric constant, and D is the distance between the beams, and N is the number of beams. The CMOS ASIC uses switched capacitor techniques to measure the g-cell capacitors and extract the acceleration data from the difference between the two capacitors. The ASIC also signal conditions and filters (switched capacitor) the signal, providing a high level output voltage that is ratiometric and proportional to acceleration.
The fault latch can be reset by a falling edge on the self-test input pin, unless one (or more) of the fault conditions continues to exist.
Figure 2. Simplified Transducer Physical Model
SPECIAL FEATURES Filtering The Motorola accelerometers contain an onboard 4-pole switched capacitor filter. A Bessel implementation is used because it provides a maximally flat delay response (linear phase) thus preserving pulse shape integrity. Because the filter is realized using switched capacitor techniques, there is no requirement for external passive components (resistors and capacitors) to set the cut-off frequency.
MMA2202D 4
For More Information On This Product, Go to: www.freescale.com
Motorola Sensor Device Data
Freescale Semiconductor, Inc.
BASIC CONNECTIONS
Pinout Description
Connection Diagram N/C N/C N/C ST VOUT STATUS VSS VDD 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 N/C N/C N/C N/C N/C N/C N/C N/C
Status Accelerometer ST VOUT VSS VDD R 1 k C 0.1 F C 0.01 F
P1 P0 Microcontroller A/D In VSS C 0.1 F VDD
VRH C 0.1 F
Freescale Semiconductor, Inc...
Pin No. 1 thru 3 4 5 6 7 8 9 thru 13 14 thru 16
Pin Name -- ST VOUT STATUS VSS VDD Trim pins --
Description No internal connection. Leave unconnected. Logic input pin used to initiate self-test. Output voltage of the accelerometer. Logic output pin to indicate fault. The power supply ground. The power supply input. Used for factory trim. Leave unconnected. No internal connection. Leave unconnected. Figure 4. Recommended PCB Layout for Interfacing Accelerometer to Microcontroller NOTES: * Use a 0.1 F capacitor on VDD to decouple the power source. * Physical coupling distance of the accelerometer to the microcontroller should be minimal. * Place a ground plane beneath the accelerometer to reduce noise, the ground plane should be attached to all of the open ended terminals shown in Figure 4. * Use an RC filter of 1 k and 0.01 F on the output of the accelerometer to minimize clock noise (from the switched capacitor filter circuit). * PCB layout of power and ground should not couple power supply noise. * Accelerometer and microcontroller should not be a high current path. * A/D sampling rate and any external power supply switching frequency should be selected such that they do not interfere with the internal accelerometer sampling frequency. This will prevent aliasing errors. Power Supply
VDD Logic Input C1 0.1 F
MMA2202D 4 ST 8 VDD
6
Status Output Signal
R1 VOUT 5 1 k C2 0.01 F
7 VSS
Figure 3. SOIC Accelerometer with Recommended
Motorola Sensor Device Data
For More Information On This Product, Go to: www.freescale.com
MMA2202D 5
Freescale Semiconductor, Inc.
Dynamic Acceleration Sensing Direction
Acceleration of the package in the +X direction (center plate moves in the -X direction) will result in an increase in the output.
+x
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
-x
Activation of Self Test moves the center plate in the -X direction, resulting in an increase in the output.
Freescale Semiconductor, Inc...
16-Pin SOIC Package
N/C pins are recommended to be left FLOATING
Top View
Static Acceleration Sensing Direction
87654321
Direction of Earth's gravity field.*
9 10 11 12 13 14 15 16
Front View
Side View
* When positioned as shown, the Earth's gravity will result in a positive 1g output.
MMA2202D 6
For More Information On This Product, Go to: www.freescale.com
Motorola Sensor Device Data
Freescale Semiconductor, Inc.
PACKAGE DIMENSIONS
A G/2 G
16 9 2 PLACES, 16 TIPS
A
0.15 T A B
B
1 8 16X
P
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS "A" AND "B" DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 PER SIDE. 4. DIMENSION "D" DOES NOT INCLUDE DAMBAR PROTRUSION. PROTRUSIONS SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.75.
MILLIMETERS DIM MIN MAX A 10.15 10.45 B 7.40 7.60 C 3.30 3.55 D 0.35 0.49 F 0.76 1.14 G 1.27 BSC J 0.25 0.32 K 0.10 0.25 M 0 7 P 10.16 10.67 R 0.25 0.75
B
D 0.13
M
TAB
R
X 45
Freescale Semiconductor, Inc...
C 0.1 K T
SEATING PLANE
J M
F
CASE 475-01 CASE 475-01 ISSUE B B ISSUE 16 LEADSOIC
DATE 05/17/01
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the packages will self-align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and shorting between solder pads.
0.050 in. 1.27 mm
0.380 in. 9.65 mm
0.024 in. 0.610 mm
0.080 in. 2.03 mm
Figure 5. Footprint SOIC-16 (Case 475-01)
Motorola Sensor Device Data
For More Information On This Product, Go to: www.freescale.com
MMA2202D 7
Freescale Semiconductor, Inc.
Freescale Semiconductor, Inc...
Information in this document is provided solely to enable system and software implementers to use Motorola products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. MOTOROLA and the Stylized M Logo are registered in the US Patent and Trademark Office. All other product or service names are the property of their respective owners. (c) Motorola, Inc. 2004
HOW TO REACH US: USA/EUROPE/LOCATIONS NOT LISTED: Motorola Literature Distribution P.O. Box 5405, Denver, Colorado 80217 1-800-521-6274 or 480-768-2130 JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center 3-20-1 Minami-Azabu. Minato-ku, Tokyo 106-8573, Japan 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong 852-26668334 HOME PAGE: http://motorola.com/semiconductors
For More Information On This Product, Go to: www.freescale.com
MMA2202D


▲Up To Search▲   

 
Price & Availability of MMA2202D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X